PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
3VSK1 3VSK111 3VSK3 20VSK6 30VSK6C 3VSK7 3ESK1 3ES |
High Performance K Series RFI Line Filters for SMPS Emission Control Power Line SK (High Performance) Series Power Line SK Series
|
Tyco Electronics TE Connectivity Ltd
|
AD8014 AD8014ACHIPS AD8014AR AD8014ART AD8014ART-R |
400 MHz Low Power High Performance Amplifier OP-AMP, 6000 uV OFFSET-MAX, PDSO5 400 MHz, Low Power, High Performance Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
GAL16V8A GAL16V8B GAL16V8A-15LPI GAL16V8A-10LJI GA |
HIGH PERFORMANCE E2CMOS PLD EE PLD, 15 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 25 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD E2CMOS的高性能可编程逻辑器件 16 BIT MCU, 32K FLASH HIGH PERFORMANCE E2CMOS PLD
|
http:// Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
HCMS-39X6 HCMS-3906 HCMS-3907 HCMS-3916 HCMS-3917 |
HCMS-3977 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3976 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3967 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3966 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3917 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3916 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3907 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3906 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|
SA625 SA625DK |
High performance low power mixer FM IF system with high-speed RSSI
|
PHILIPS[Philips Semiconductors]
|
EP7312-IV-90 EP7312-EB-90 EP7312-IR-90 EP7312-CB-9 |
HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE 32-BIT, FLASH, 90 MHz, RISC MICROCONTROLLER, PBGA204 HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE 高性能,低功耗的片上系统的SDRAM和增强数字音频接
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|